Part Number Hot Search : 
A1201 7D271 40240 DS18B20 XFTPR GAG01 GAG01 GRM21
Product Description
Full Text Search
 

To Download NX2520SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units - 1 - 12a_0906_NX2520SG_e NX2520SG for mobile communications crystal unit with built-in thermistor construction. minimize circuit design space by combining crystal unit into one component. (presently, crystal unit and temperature sensor is mounted in one board separately.) placing temperature sensor(thermistor) close to crystal blank in one airtight housing can detect more precise crystal blank temperature. improvement on frequency temperature compensation compared to present crystal unit. single cavity housing which is ideal to module applications. *2 equivalent series resistance nominal frequency (mhz) equivalent series resistance max. [] 19.2 to 20 70 20 to 40 50 40 to 54 40 features item model NX2520SG nominal frequency 19.2 to 54 mhz overtone order fundamental frequency tolerance (30c) 10 10 ?6 frequency versus temperature characteristics (with reference to +30 c) 12 10 ?6 operating temperature range ?30 to +85 c storage temperature range ?40 to +85 c equivalent series resistance refer to *1 level of drive 10 w (max. 100 w) load capacitance 7 pf specifcations when ordering our products, specify them with an ordering code that consists of the following : model name - frequency (max : 9 digits) m - number for specifying an order example NX2520SG-19.200m-std-ctx-1 if you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/). how to specify an order mm 2.0.0.1 0.900.10 (0.8) (0.65) c0.3 c0.3 #3 #4 #1 #2 #3 #4 #1 #2 2.50.1 (0.65) (0.8) 1.7 1.3 1.2 1.0 land pattern (typical) terminal land connections (top view) #3 #4 #1 #2 terminal #1, #3 : x tal #4 : thermistor #2 : thermistor & gnd dimensions


▲Up To Search▲   

 
Price & Availability of NX2520SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X